Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 39Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 40Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 41Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 42Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 687 page
background image
41
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
Registers R0 to R7 are unbanked registers. This means that each of them refers to the same 32-
bit physical register in all processor modes. They are general-purpose registers, with no special
uses managed by the architecture, and can be used wherever an instruction allows a general-
purpose register to be specified.
Registers R8 to R14 are banked registers. This means that each of them depends on the current
mode of the processor.
11.2.4.1
Modes and Exception Handling
All exceptions have banked registers for R14 and R13.
After an exception, R14 holds the return address for exception processing. This address is used
to return after the exception is processed, as well as to address the instruction that caused the
exception.
R13 is banked across exception modes to provide each exception handler with a private stack
pointer.
The fast interrupt mode also banks registers 8 to 12 so that interrupt processing can begin with-
out having to save these registers.
Table 11-1.
ARM7TDMI ARM Modes and Registers Layout
User and
System Mode
Supervisor
Mode
Abort Mode
Undefined
Mode
Interrupt
Mode
Fast Interrupt
Mode
R0
R0
R0
R0
R0
R0
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R3
R3
R3
R3
R3
R3
R4
R4
R4
R4
R4
R4
R5
R5
R5
R5
R5
R5
R6
R6
R6
R6
R6
R6
R7
R7
R7
R7
R7
R7
R8
R8
R8
R8
R8
R8_FIQ
R9
R9
R9
R9
R9
R9_FIQ
R10
R10
R10
R10
R10
R10_FIQ
R11
R11
R11
R11
R11
R11_FIQ
R12
R12
R12
R12
R12
R12_FIQ
R13
R13_SVC
R13_ABORT
R13_UNDEF
R13_IRQ
R13_FIQ
R14
R14_SVC
R14_ABORT
R14_UNDEF
R14_IRQ
R14_FIQ
PC
PC
PC
PC
PC
PC
CPSR
CPSR
CPSR
CPSR
CPSR
CPSR
SPSR_SVC
SPSR_ABORT
SPSR_UNDEF
SPSR_IRQ
SPSR_FIQ
Mode-specific banked registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com