Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 27Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 687 page
background image
31
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
10. Peripherals
10.1
User Interface
The User Peripherals are mapped in the 256 Mbytes of address space between 0xF000 0000
and 0xFFFF EFFF. Each peripheral is allocated 16 Kbytes of address space.
A complete memory map is provided in Figure 8-1 on page 18.
10.2
Peripheral Identifiers
The AT91SAM7X512/256/128 embeds a wide range of peripherals. Table 10-1 defines the
Peripheral Identifiers of the AT91SAM7X512/256/128. Unique peripheral identifiers are defined
for both the Advanced Interrupt Controller and the Power Management Controller.
Note:
1. Setting SYSC and ADC bits in the clock set/clear registers of the PMC has no effect. The Sys-
tem Controller and ADC are continuously clocked.
Table 10-1.
Peripheral Identifiers
Peripheral ID
Peripheral Mnemonic
Peripheral Name
External
Interrupt
0
AIC
Advanced Interrupt Controller
FIQ
1
SYSC
(1)
System Controller
2
PIOA
Parallel I/O Controller A
3
PIOB
Parallel I/O Controller B
4
SPI0
Serial Peripheral Interface 0
5
SPI1
Serial Peripheral Interface 1
6
US0
USART 0
7
US1
USART 1
8
SSC
Synchronous Serial Controller
9
TWI
Two-wire Interface
10
PWMC
Pulse Width Modulation Controller
11
UDP
USB Device Port
12
TC0
Timer/Counter 0
13
TC1
Timer/Counter 1
14
TC2
Timer/Counter 2
15
CAN
CAN Controller
16
EMAC
Ethernet MAC
17
ADC
(1)
Analog-to Digital Converter
18 - 29
Reserved
30
AIC
Advanced Interrupt Controller
IRQ0
31
AIC
Advanced Interrupt Controller
IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com