Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 26Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 27Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 687 page
background image
30
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
9.8
Real-time Timer
• 32-bit free-running counter with alarm running on prescaled SLCK
• Programmable 16-bit prescaler for SLCK accuracy compensation
9.9
PIO Controllers
• Two PIO Controllers, each controlling 31 I/O lines
• Fully programmable through set/clear registers
• Multiplexing of two peripheral functions per I/O line
• For each I/O line (whether assigned to a peripheral or used as general-purpose I/O)
– Input change interrupt
– Half a clock period glitch filter
– Multi-drive option enables driving in open drain
– Programmable pull-up on each I/O line
– Pin data status register, supplies visibility of the level on the pin at any time
• Synchronous output, provides Set and Clear of several I/O lines in a single write
9.10
Voltage Regulator Controller
The purpose of this controller is to select the Power Mode of the Voltage Regulator between
Normal Mode (bit 0 is cleared) or Standby Mode (bit 0 is set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com