Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 687 page
background image
20
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
Figure 8-3.
Internal Memory Mapping with GPNVM Bit 2 = 1
8.5
Embedded Flash
8.5.1
Flash Overview
• The Flash of the AT91SAM7X512 is organized in two banks (dual plane) of 1024 pages of
256 bytes. The 524,288 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7X256 is organized in 1024 pages of 256 bytes (single plane). It
reads as 65,536 32-bit words.
• The Flash of the AT91SAM7X128 is organized in 512 pages of 256 bytes (single plane). It
reads as 32,768 32-bit words.
The Flash contains a 256-byte write buffer, accessible through a 32-bit interface.
The Flash benefits from the integration of a power reset cell and from the brownout detector.
This prevents code corruption during power supply changes, even in the worst conditions.
When Flash is not used (read or write access), it is automatically placed into standby mode.
8.5.2
Embedded Flash Controller
The Embedded Flash Controller (EFC) manages accesses performed by the masters of the sys-
tem. It enables reading the Flash and writing the write buffer. It also contains a User Interface,
mapped within the Memory Controller on the APB. The User Interface allows:
• programming of the access parameters of the Flash (number of wait states, timings, etc.)
• starting commands such as full erase, page erase, page program, NVM bit set, NVM bit
clear, etc.
• getting the end status of the last command
• getting error status
• programming interrupts on the end of the last commands or on errors
The Embedded Flash Controller also provides a dual 32-bit Prefetch Buffer that optimizes 16-bit
access to the Flash. This is particularly efficient when the processor is running in Thumb mode.
Two EFCs are embedded in the AT91SAM7X512 to control each bank of 256 KBytes. Dual-
plane organization allows concurrent read and program functionality. Read from one memory
256M Bytes
Flash Before Remap
SRAM After Remap
Undefined Areas
(Abort)
0x000F FFFF
0x001F FFFF
0x002F FFFF
0x0FFF FFFF
1 M Bytes
1 M Bytes
1 M Bytes
252 M Bytes
Internal FLASH
Internal SRAM
0x0000 0000
0x0010 0000
0x0020 0000
0x0030 0000
Internal ROM
0x003F FFFF
0x0040 0000
1 M Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com