Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 687 page
background image
19
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
8.4
Memory Mapping
8.4.1
Internal SRAM
• The AT91SAM7X512 embeds a high-speed 128 Kbyte SRAM bank.
• The AT91SAM7X256 embeds a high-speed 64 Kbyte SRAM bank.
• The AT91SAM7X128 embeds a high-speed 32 Kbyte SRAM bank.
After reset and until the Remap Command is performed, the SRAM is only accessible at address
0x0020 0000. After Remap, the SRAM also becomes available at address 0x0.
8.4.2
Internal ROM
The AT91SAM7X512/256/128 embeds an Internal ROM. At any time, the ROM is mapped at
address 0x30 0000. The ROM contains the FFPI and the SAM-BA program.
8.4.3
Internal Flash
• The AT91SAM7X512 features two banks (dual plane) of 256 Kbytes of Flash.
• The AT91SAM7X256 features one bank (single plane) of 256 Kbytes of Flash.
• The AT91SAM7X128 features one bank (single plane) of 128 Kbytes of Flash.
At any time, the Flash is mapped to address 0x0010 0000. It is also accessible at address 0x0
after the reset, if GPNVM bit 2 is set and before the Remap Command.
A general purpose NVM (GPNVM) bit is used to boot either on the ROM (default) or from the
Flash.
This GPNVM bit can be cleared or set respectively through the commands “Clear General-pur-
pose NVM Bit” and “Set General-purpose NVM Bit” of the EFC User Interface.
Setting the GPNVM Bit 2 selects the boot from the Flash. Asserting ERASE clears the GPNVM
Bit 2 and thus selects the boot from the ROM by default.
Figure 8-2.
Internal Memory Mapping with GPNVM Bit 2 = 0 (default)
256M Bytes
ROM Before Remap
SRAM After Remap
Undefined Areas
(Abort)
0x000F FFFF
0x001F FFFF
0x002F FFFF
0x0FFF FFFF
1 M Bytes
1 M Bytes
1 M Bytes
252 M Bytes
Internal FLASH
Internal SRAM
0x0000 0000
0x0010 0000
0x0020 0000
0x0030 0000
Internal ROM
0x003F FFFF
0x0040 0000
1 M Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com