Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 44Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 45Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 46Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 47Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 48Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 49Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 50Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 687 page
background image
47
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
12.3.2
Test Environment
Figure 12-3 shows a test environment example. Test vectors are sent and interpreted by the tes-
ter. In this example, the “board in test” is designed using a number of JTAG-compliant devices.
These devices can be connected to form a single scan chain.
Figure 12-3. Application Test Environment Example
12.4
Debug and Test Pin Description
Tester
JTAG
Interface
ICE/JTAG
Connector
AT91SAM7Xxx-based Application Board In Test
AT91SAM7Xxx
Test Adaptor
Chip 2
Chip n
Chip 1
Table 12-1.
Debug and Test Pin List
Pin Name
Function
Type
Active Level
Reset/Test
NRST
Microcontroller Reset
Input/Output
Low
TST
Test Mode Select
Input
High
ICE and JTAG
TCK
Test Clock
Input
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
JTAGSEL
JTAG Selection
Input
Debug Unit
DRXD
Debug Receive Data
Input
DTXD
Debug Transmit Data
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com