Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 687 page
background image
35
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
10.6
Ethernet MAC
• DMA Master on Receive and Transmit Channels
• Compatible with IEEE Standard 802.3
• 10 and 100 Mbit/s operation
• Full- and half-duplex operation
• Statistics Counter Registers
• MII/RMII interface to the physical layer
• Interrupt generation to signal receive and transmit completion
• 28-byte transmit FIFO and 28-byte receive FIFO
• Automatic pad and CRC generation on transmitted frames
• Automatic discard of frames received with errors
• Address checking logic supports up to four specific 48-bit addresses
• Support Promiscuous Mode where all valid received frames are copied to memory
• Hash matching of unicast and multicast destination addresses
• Physical layer management through MDIO interface
• Half-duplex flow control by forcing collisions on incoming frames
• Full-duplex flow control with recognition of incoming pause frames
• Support for 802.1Q VLAN tagging with recognition of incoming VLAN and priority tagged
frames
• Multiple buffers per receive and transmit frame
• Jumbo frames up to 10240 bytes supported
10.7
Serial Peripheral Interface
• Supports communication with external serial devices
– Four chip selects with external decoder allow communication with up to 15
peripherals
– Serial memories, such as DataFlash® and 3-wire EEPROMs
– Serial peripherals, such as ADCs, DACs, LCD Controllers, CAN Controllers and
Sensors
– External co-processors
• Master or slave serial peripheral bus interface
– 8- to 16-bit programmable data length per chip select
– Programmable phase and polarity per chip select
– Programmable transfer delays per chip select, between consecutive transfers and
between clock and data
– Programmable delay between consecutive transfers
– Selectable mode fault detection
– Maximum frequency at up to Master Clock
10.8
Two-wire Interface
• Master Mode only
• Compatibility with I
2C compatible devices (refer to the TWI section of the datasheet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com