Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
DDR2 and DDR3 SDRAM
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
33
Table 14 provides the DDR capacitance when GVDD(type) = 1.8 V.
Table 15 provides the current draw characteristics for MVREF.
2.6.2
DDR2 and DDR3 SDRAM Interface AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM Controller interface. The DDR controller supports
both DDR2 and DDR3 memories. Please note that although the minimum data rate for most off-the-shelf DDR3 DIMMs
available is 800 MHz, JEDEC specification does allow the DDR3 to run at the data rate as low as 606 MHz. Unless otherwise
specified, the AC timing specifications described in this section for DDR3 is applicable for data rate between 606 MHz and
667 MHz, as long as the DC and AC specifications of the DDR3 memory to be used are compliant to both JEDEC specifications
as well as the specifications and requirements described in this MPC8536E hardware specifications document.
2.6.2.1
DDR2 and DDR3 SDRAM Interface Input AC Timing Specifications
Table 16 through Table 18 provide the input AC timing specifications for the DDR controller.
Table 14. DDR2 SDRAM Capacitance for GVDD(typ)=1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS, DQS
CIO
68
pF
1, 2
Delta input/output capacitance: DQ, DQS, DQS
CDIO
—
0.5
pF
1, 2
Note:
1. This parameter is sampled. GVDD = 1.8 V ± 0.090 V (for DDR2), f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT
(peak-to-peak) = 0.2 V.
2. This parameter is sampled. GVDD = 1.5 V ± 0.075 V (for DDR3), f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT
(peak-to-peak) = 0.175 V.
Table 15. Current Draw Characteristics for MVREF
Parameter/Condition
Symbol
Min
Max
Unit
Note
Current draw for MVREFn
DDR2 SDRAM
IMVREFn
—
1500
μA1
DDR3 SDRAM
1250
1.The voltage regulator for MVREF must be able to supply up to 500 μA or 1250 uA current for DDR2 or DDR3 respectively.
Table 16. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface
At recommended operating conditions with GVDD of 1.8 V ± 5%
Parameter
Symbol
Min
Max
Unit
AC input low voltage
667
VILAC
—MVREF – 0.20
V
<=533
—
MVREF – 0.25
V
AC input high voltage
667
VIHAC
MVREF + 0.20
—
V
<=533
MVREF + 0.25
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com