Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Serial ATA (SATA)
Freescale Semiconductor
80
2.16.1
Requirements for SATA REF_CLK
The AC requirements for the SATA reference clock are listed in Table 59.
Figure 49. Reference Clock Timing Waveform
Table 59. Reference Clock Input Requirements
Parameter
Symbol
Min
Typical
Max
Unit
Notes
SD2_REF_CLK/_B reference clock cycle time
tCLK_REF
100
—
150
MHz
1
SD2_REF_CLK/_B frequency tolerance
tCLK_TOL
–350
0
+350
ppm
—
SD_REF_CLK/_B rise/fall time (80%-20%)
tCLK_RISE/tCLK_FALL
—
—
1
ns
—
SD_REF_CLK/_B duty cycle (@50% X2VDD)
tCLK_DUTY
45
50
55
%
—
SD_REF_CLK/_B cycle to cycle clock jitter (period jitter)
tCLK_CJ
——
100
ps
—
SD_REF_CLK/_B phase jitter (peak-to-peak)
tCLK_PJ
–50
—
+50
ps
2,3
Note:
1. Only 100/125/150 MHz have been tested, other in between values will not work correctly with the rest of the system.
2. In a frequency band from 150 kHz to 15 MHz, at BER of 10E-12.
3. Total peak-to-peak deterministic jitter “Dj” should be less than or equal to 50 ps.
TH
TL
Ref_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com