Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
Freescale Semiconductor
44
Figure 15. FIFO Receive AC Timing Diagram
2.9.2.2
GMII AC Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
2.9.2.2.1
GMII Transmit AC Timing Specifications
Table 28 provides the GMII transmit AC timing specifications.
Table 28. GMII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
GTX_CLK clock period
tGTK
—8.0
—
ns
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
3
0.5
—
5.0
ns
GTX_CLK data clock rise time (20%-80%)
tGTXR
——
1.0
ns
GTX_CLK data clock fall time (80%-20%)
tGTXF
——
1.0
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII
transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input
signals (D) reaching the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with respect
to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X) or hold
time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a
particular functional. For example, the subscript of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times,
the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. Data valid tGTKHDV to GTX_CLK Min Setup time is a function of clock period and max hold time. (Min Setup = Cycle time -
Max Hold)
tFIR
tFIRH
tFIRF
tFIRR
RX_CLK
RXD[7:0]
RX_DV
RX_ER
valid data
tFIRDX
tFIRDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com