Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
53
Figure 26 shows the RMII transmit AC timing diagram.
Figure 26. RMII Transmit AC Timing Diagram
2.9.2.7.2
RMII Receive AC Timing Specifications
Rise time TSECn_TX_CLK (20%–80%)
tRMTR
1.0
—
2.0
ns
Fall time TSECn_TX_CLK (80%–20%)
tRMTF
1.0
—
2.0
ns
TSECn_TX_CLK to RMII data TXD[1:0], TX_EN delay
tRMTDX
2.0
—
10.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX
symbolizes MII transmit timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid
(X). Note that, in general, the clock reference symbol representation is based on two to three letters representing the clock
of a particular functional. For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
Table 37. RMII Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
TSECn_RX_CLK clock period
tRMR
15.0
20.0
25.0
ns
TSECn_RX_CLK duty cycle
tRMRH
35
50
65
%
TSECn_RX_CLK peak-to-peak jitter
tRMRJ
—
—
250
ps
Rise time TSECn_RX_CLK (20%–80%)
tRMRR
1.0
—
2.0
ns
Table 36. RMII Transmit AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
TSECn_TX_CLK
TXD[1:0]
tRMTDX
tRMT
tRMTH
tRMTR
tRMTF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com