Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
High-Speed Serial Interfaces
Freescale Semiconductor
96
Figure 62 shows the SerDes reference clock connection reference circuits for HCSL type clock driver. It assumes that the DC
levels of the clock driver chip is compatible with MPC8536E SerDes reference clock input’s DC requirement.
Figure 62. DC-Coupled Differential Connection with HCSL Clock Driver (Reference Only)
Figure 63 shows the SerDes reference clock connection reference circuits for LVDS type clock driver. Since LVDS clock
driver’s common mode voltage is higher than the MPC8536E SerDes reference clock input’s allowed range (100 to 400mV),
AC-coupled connection scheme must be used. It assumes the LVDS output driver features 50-
Ω termination resistor. It also
assumes that the LVDS transmitter establishes its own common mode level without relying on the receiver or other external
component.
Figure 63. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only)
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
Clock driver vendor dependent
source termination resistor
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
HCSL CLK Driver Chip
33
Ω
33
Ω
Total 50
Ω. Assume clock driver’s
output impedance is about 16
Ω.
CLK_Out
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVDS CLK Driver Chip
10 nF
10 nF
MPC8536E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com