Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
Freescale Semiconductor
46
Figure 18 shows the GMII receive AC timing diagram.
Figure 18. GMII Receive AC Timing Diagram
2.9.2.3
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
2.9.2.3.1
MII Transmit AC Timing Specifications
Table 30 provides the MII transmit AC timing specifications.
Table 30. MII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
TX_CLK clock period 10 Mbps
tMTX
—
400
—
ns
TX_CLK clock period 100 Mbps
tMTX
—40
—
ns
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
1
5
15
ns
TX_CLK data clock rise (20%-80%)
tMTXR
1.0
—
4.0
ns
TX_CLK data clock fall (80%-20%)
tMTXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII
transmit timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in
general, the clock reference symbol representation is based on two to three letters representing the clock of a particular
functional. For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
RX_CLK
RXD[7:0]
tGRDXKH
tGRX
tGRXH
tGRXR
tGRXF
tGRDVKH
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com