Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 128 page
background image
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
High-Speed Serial Interfaces
Freescale Semiconductor
98
2.20.2.4 AC Requirements for SerDes Reference Clocks
The clock driver selected should provide a high quality reference clock with low phase noise and cycle-to-cycle jitter. Phase
noise less than 100KHz can be tracked by the PLL and data recovery loops and is less of a problem. Phase noise above 15MHz
is filtered by the PLL. The most problematic phase noise occurs in the 1-15MHz range. The source impedance of the clock
driver should be 50 ohms to match the transmission line and reduce reflections which are a source of noise to the system.
Table 69 describes some AC parameters common to SGMII and PCI Express protocols.
Figure 66. Differential Measurement Points for Rise and Fall Time
Table 69. SerDes Reference Clock Common AC Parameters
At recommended operating conditions with XVDD_SRDS1 or XVDD_SRDS2 = 1.0V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Rising Edge Rate
Rise Edge Rate
1.0
4.0
V/ns
2, 3
Falling Edge Rate
Fall Edge Rate
1.0
4.0
V/ns
2, 3
Differential Input High Voltage
VIH
+200
—
mV
2
Differential Input Low Voltage
VIL
—
–200
mV
2
Rising edge rate (SDn_REF_CLK) to falling edge rate
(SDn_REF_CLK) matching
Rise-Fall
Matching
—20
%
1, 4
Notes:
1. Measurement taken from single ended waveform.
2. Measurement taken from differential waveform.
3. Measured from –200 mV to +200 mV on the differential waveform (derived from SDn_REF_CLK minus SDn_REF_CLK). The
signal must be monotonic through the measurement region for rise and fall time. The 400 mV measurement window is
centered on the differential zero crossing. See Figure 66.
4. Matching applies to rising edge rate for SDn_REF_CLK and falling edge rate for SDn_REF_CLK. It is measured using a 200
mV window centered on the median cross point where SDn_REF_CLK rising meets SDn_REF_CLK falling. The median cross
point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The Rise Edge Rate
of SDn_REF_CLK should be compared to the Fall Edge Rate of SDn_REF_CLK, the maximum allowed difference should not
exceed 20% of the slowest edge rate. See Figure 67.
VIH = +200
VIL = –200 mV
0.0 V
SD
n_REF_CL
K
minus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com