Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8536EBVTAKG Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8536EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536EBVTAKG Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8536EBVTAKG Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8536EBVTAKG Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Ethernet: Enhanced Three-Speed Ethernet (eTSEC), MII Management
MPC8536E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
59
2.9.3.4.2
SGMII Receive AC Timing Specifications
Table 42 provides the SGMII receive AC timing specifications. Source synchronous clocking is not supported. Clock is
recovered from the data. Figure 31 shows the SGMII Receiver Input Compliance Mask eye diagram.
Figure 31. SGMII Receiver Input Compliance Mask
Table 42. SGMII Receive AC Timing Specifications
At recommended operating conditions with X2VDD = 1.0V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic Jitter Tolerance
JD
0.37
—
—
UI p-p
1
Combined Deterministic and Random Jitter Tolerance
JDR
0.55
—
—
UI p-p
1
Sinusoidal Jitter Tolerance
JSIN
0.1
—
—
UI p-p
1
Total Jitter Tolerance
JT
0.65
—
—
UI p-p
1
Bit Error Ratio
BER
—
—
10-12
—
Unit Interval
UI
799.92
800
800.08
ps
2
AC Coupling Capacitor
CTX
5
—
200
nF
3
Notes:
1. Measured at receiver.
2. Each UI is 800 ps ± 100 ppm.
3. The external AC coupling capacitor is required. It is recommended to be placed near the device transmitter outputs.
Time (UI)
0
0.275
0.4
0.6
0.725
− VRX_DIFFp-p-min/2
VRX_DIFFp-p-min/2
− VRX_DIFFp-p-max/2
VRX_DIFFp-p-max/2
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com