Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QT Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Sensors
Freescale Semiconductor
28
MMA8450Q
NEWLP is set to 1 whenever a change in LO, BAFRO, or LAPO occurs. NEWLP bit is cleared anytime PL_STATUS register is
read.
0x19: PL_PRE_STATUS Portrait/Landscape Previous Data Status Register
This register provides the previous orientation data from the previous reading. These register definitions are the same as what
has been described in Register 0x18.
0x1A: PL_CFG Portrait/Landscape Configuration Register
This register configures the behavior of the debounce counters and also sets the Landscape/Portrait 1g lockout mechanism
threshold offset.
0x1B: PL_COUNT Portrait Landscape Debounce Register
This register sets the debounce counter for the orientation state transition. The minimum debounce latency is determined by
the data rate set by the selected system ODR and PL_COUNT registers. Any change to the ODR or device mode transitioning
from ACTIVE to STANDBY or vice versa resets the internal landscape/portrait internal debounce counters.
The debounce counter scales with the ODR, like many of the debounce counters in the other functional blocks. Table 22 shows
the relationship between the ODR, the step per count and the duration.
Table 20. PL_STATUS Register Description
NEWLP
Landscape-Portrait status change flag. Default value: 0.
0: No change, 1: BAFRO and/or LAPO and/or Z-tilt lockout value has changed
LO
Z-Tilt Angle Lockout. Default value: 0.
0: Lockout condition has not been detected.
1: Z-Tilt lockout trip angle has been exceeded. Lockout has been detected.
BAFRO[1:0]
Back or Front orientation. Default value: 00
00: Undefined. This is the default power up state.
01: Front: Device is in the front facing orientation.
10: Back: Device is in the back facing orientation.
LAPO[2:0](1)
Landscape/Portrait orientation. Default value: 000
000: Undefined. This is the default power up state.
001: Portrait Up
010: Portrait Down
011: Landscape Right
100: Landscape Left
1. The default power up state is BAFRO (Undefined), LAPO (Undefined), and no Lockout for orientation function.
0x19 PL_PRE_STATUS Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
—
LO
-—
LAPO[2]
LAPO[1]
LAPO[0]
BAFRO[1]
BAFRO[0]
0x1A PL_CFG Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
PL_EN
—
—
—
GOFF[2]
GOFF[1]
GOFF[0]
Table 21. PL_CFG Register Description
DBCNTM
Debounce counter mode selection. Default value: 1
0: Decrements debounce whenever condition of interest is no longer valid.
1: Clears counter whenever condition of interest is no longer valid.
PL_EN
Portrait-Landscape Detection Enable. Default value: 0
0: Portrait-Landscape Detection is Disabled.
1: Portrait-Landscape Detection is Enabled.
GOFF
1g lockout threshold offset expressed in steps of 50mg. Default value: 011 = 1.15g.
The offset specified by the GOFF is added or subtracted from 1g to achieve the optimal 1g lockout threshold.
If GOFF = 011, then the resulting 1g lockout threshold is
±(1g + 150mg).
000: No offset.
0x1B PL_COUNT Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE [2]
DBNCE [1]
DBNCE [0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com