Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QT Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Sensors
41
Freescale Semiconductor
MMA8450Q
IPOL bit selects the polarity of the interrupt signal. When IPOL is ‘0’ any interrupt event will signalled with a logical 0.
PP_OD bit configures the interrupt pin to Push-Pull or in Open Drain mode. The open drain configuration can be used for
connecting multiple interrupt signals on the same interrupt line.
0x3C: CTRL_REG5 Register (Read/Write)
Table 58. CTRL_REG3 Description
FIFO_GATE
0: FIFO gate is bypassed. FIFO is flushed upon the system mode transitioning from wake-to-sleep mode or from sleep-to-
wake mode.
1: The FIFO input buffer is blocked when transitioning from “wake-to-sleep” mode or from “sleep-to-wake” mode until the
FIFO is flushed. Although the system transitions from “wake-to-sleep” or from “sleep-to-wake” the contents of the FIFO
buffer are preserved, new data samples are ignored until the FIFO is emptied by the host application.
If the FIFO_GATE bit is set to logic 1 and the FIFO buffer is not emptied before the arrival of the next sample, then the
FGERR bit in the SYS_MOD register (0x14) will be asserted. The FGERR bit remains asserted as long as the FIFO buffer
remains un-emptied.
Emptying the FIFO buffer clears the FGERR bit in the SYS_MOD register.
WAKE_TRANS
0: Transient function is bypassed in sleep mode
1: Transient function interrupt can wake up system
WAKE_LNDPRT
0: Orientation function is bypassed in sleep mode
1: Orientation function interrupt can wake up system
WAKE_PULSE
0: Pulse function is bypassed in sleep mode
1: Pulse function interrupt can wake up system
WAKE_FF_MT_1
0: Freefall/Motion1 function is bypassed in sleep mode
1: Freefall/Motion1 function interrupt can wake up
WAKE_FF_MT_2
0: Freefall/Motion2 function is bypassed in sleep mode
1: Freefall/Motion2 function interrupt can wake up system
IPOL
Interrupt polarity active high, or active low. Default value 0.
0: active low; 1: active high
PP_OD
Push-pull/Open Drain selection on interrupt pad. Default value 0.
0: push-pull; 1: open drain
0x3C CTRL_REG5 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_EN_ASLP
INT_EN_FIFO
INT_EN_TRANS
INT_EN_LNDPRT
INT_EN_PULSE
INT_EN_FF_MT_1
INT_EN_FF_MT_2
INT_EN_DRDY
Table 59. interrupt Enable Register Description
Interrupt Enable
Description
INT_EN_ASLP
Interrupt Enable. Default value: 0
0: Auto-Sleep/Wake interrupt disabled; 1: Auto-Sleep/Wake interrupt enabled.
INT_EN_FIFO
Interrupt Enable. Default value: 0
0: FIFO interrupt disabled; 1: FIFO interrupt enabled.
INT_EN_TRANS
Interrupt Enable. Default value: 0
0: Transient interrupt disabled; 1: Transient interrupt enabled.
INT_EN_LNDPRT
Interrupt Enable. Default value: 0
0: Orientation (Landscape/Portrait) interrupt disabled.
1: Orientation (Landscape/Portrait) interrupt enabled.
INT_EN_PULSE
Interrupt Enable. Default value: 0
0: Pulse Detection interrupt disabled; 1: Pulse Detection interrupt enabled
INT_EN_FF_MT_1
Interrupt Enable. Default value: 0
0: Freefall/Motion1 interrupt disabled; 1: Freefall/Motion1 interrupt enabled
INT_EN_FF_MT_2
Interrupt Enable. Default value: 0
0: Freefall/Motion2 interrupt disabled; 1: Freefall/Motion2 interrupt enabled
INT_EN_DRDY
Interrupt Enable. Default value: 0
0: Data Ready interrupt disabled; 1: Data Ready interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com