Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QT Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Sensors
Freescale Semiconductor
10
MMA8450Q
2.3
I2C Interface Characteristic
Table 4. I2C Slave Timing Values(1)
1. All values referred to VIH (min) and VIL (max) levels.
Parameter
Symbol
I2C Standard Mode
I2C Fast Mode
Unit
Min
Max
Min
Max
SCL Clock Frequency
fSCL
0
100
0
400
kHz
Bus Free Time between STOP and START Condition
tBUF
4.7
1.3
μs
Repeated START Hold Time
tHD;STA
40.6
μs
Repeated START Setup Time
tSU;STA
4.7
0.6
μs
STOP Condition Setup Time
tSU;STO
40.6
μs
SDA Data Hold Time(2)
2. tHD;DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
tHD;DAT
0(3)
3. A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VIH (min) of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
(4)
4. The maximum tHD;DAT could be 3.45 μs and 0.9 μs for Standard-mode and Fast-mode, but must be less than the maximum of tVD;DAT or
tVD;ACK by a transition time. This maximum must only be met if the device does not stretch the LOW period (tLOW) of the SCL signal. If the
clock stretches the SCL, the data must be valid by the set-up time before it releases the clock.
0(3)
(4)
μs
SDA Valid Time (5)
5. tVD;DAT = time for data signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;DAT
3.45(4)
0.9(4)
μs
SDA Valid Acknowledge Time (6)
6. tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA output (HIGH or LOW, depending on which one is worse).
tVD;ACK
3.45(4)
0.9(4)
μs
SDA Setup Time
tSU;DAT
250
100(7)
7. A Fast-mode I2C device can be used in a Standard-mode I2C system, but the requirement tSU;DAT 250 ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of
the SCL signal, it must output the next data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode
I2C specification) before the SCL line is released. Also the acknowledge timing must meet this set-up time.
Ns
SCL Clock Low Time
tLOW
4.7
1.3
μs
SCL Clock High Time
tHIGH
40.6
μs
SDA and SCL Rise Time
tr
1000
20 + 0.1Cb
(8)
8. Cb = total capacitance of one bus line in pF.
300
Ns
SDA and SCL Fall Time (3)(5)(8)(9)
9. The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at 250 ns.
This allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding
the maximum specified tf.
tf
300
20 + 0.1Cb
(8)
300
Ns
Pulse width of spikes on SDA and SCL that must be
suppressed by input filter
tSP
50
50
Ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com