Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QT Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Sensors
Freescale Semiconductor
32
MMA8450Q
0x24 FF_MT_SRC_1 Register
This register keeps track of the acceleration event which is triggering (or has triggered, in case of ELE bit in FF_MT_CFG_1
register being set to 1) the event flag. In particular EA is set to a logic 1 when the logical combination of acceleration events flags
specified in FF_MT_CFG_1 register is true. This bit is used in combination with the values in INT_EN_FF_MT_1 and
INT_CFG_FF_MT_1 register to generate the Freefall/Motion interrupts.
An X,Y, or Z high or an X,Y, and Z high event is true when the acceleration value of the X or Y or Z axes is higher than the
preset threshold value defined in the FF_MT_THS_1 register.
Conversely X,Y, or Z high or an X,Y, and Z low event is true when the acceleration value of the X and Y and Z axes are lower
than the preset threshold value defined in the FF_MT_THS_1 register.
When the ELE bit is set, only the EA bit is latched. The other bits are not latched. To see the events that have been detected,
the register must be read immediately. The EA bit will remain high until the source register is read.
0x25: FF_MT_THS_1 Freefall and Motion Threshold 1 Register
The minimum threshold resolution is dependent on the selected acceleration g range and the threshold register has a range
of 0 to 127.
Therefore:
•
If the selected acceleration g range is 8g mode (FS = 11), the minimum threshold resolution is 0.063g/LSB. The maximum
value is 8g.
•
If the selected acceleration g range is 4g mode (FS = 10), the minimum threshold resolution is 0.0315g/LSB. The
maximum value is 4g.
•
If the selected acceleration g range is 2g mode (FS = 01), the minimum threshold resolution is 0.01575g/LSB. The
maximum value is 2g.
When DBCNTM bit is a logic ‘1’, the debounce counter is cleared to 0 whenever the event of interest is no longer true (Figure
12 part b) while if the DBCNTM bit is set a logic ‘0’ the debounce counter is decremented by 1 whenever the event of interest is
no longer true (Figure 12 part c) until the debounce counter reaches 0 or the event of interest becomes active.
Decrementing of the debounce counter acts as a median filter enabling the system to filter out irregular spurious events which
might impede the detection of the event.
0x24: FF_MT_SRC_ Freefall and Motion Source Register (0x24) (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
—
EA
ZHE
ZLE
YHE
YLE
XHE
XLE
Table 34. FF_MT_SRC_1 Description
EA
Event Active Flag. Default value: 0
0: No event flag has been asserted; 1: one or more event flags have been asserted.
ZHE
Z High Event Flag. Default value: 0
0: No Z High event detected, 1: Z High event has been detected
ZLE
Z Low Event Flag. Default value: 0
0: No Z Low event detected, 1: Z Low event has been detected
YHE
Y High Event Flag. Default value: 0
0: No Y High event detected, 1: Y High event has been detected
YLE
Y Low Event Flag. Default value: 0
0: No Y Low event detected, 1: Y Low event has been detected
XHE
X High Event Flag. Default value: 0
0: No X High event detected, 1: X High event has been detected
XLE
X Low Event Flag. Default value: 0
0: No X Low event detected, 1: X Low event has been detected
0x25 FF_MT_THS_1 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 35. FF_MT_THS_1 Description
DBCNTM
Debounce counter mode selection. Default value: 0.
0: increments or decrements debounce, 1: increments or clears counter.
THS[6:0]
Freefall /Motion Threshold: default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com