Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QT Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Sensors
Freescale Semiconductor
40
MMA8450Q
FS[1:0] bits select between standby mode and active mode. The default value is 00 for standby mode.
0x39: CTRL_REG2 System Control 2 Register
ST bit activates the Self-Test function. When ST is set to one, an output change will occur to the device outputs (refer to Table 2
and Table 3) thus allowing host application to check the functionality of the entire signal chain.
BOOT bit is used to activate the software reset. The Boot mechanism can be enabled in STANDBY and ACTIVE mode.
When the Boot bit is enabled the Boot mechanism resets all functional block registers and loads the respective internal
registers with default NVM values.
The system will automatically transition to standby mode if not already in standby mode before the software reset (re-BOOT
process) can occur.
Note: The I2C communication system is reset to avoid accidental corrupted data access.
0x3A: CTRL_REG3 Interrupt Control Register
0
1
0
100 Hz
10 ms
0
1
1
50 Hz
20 ms
1
0
0
12.5 Hz
80 ms
1
0
1
1.563 Hz
640 ms
Table 56. Full Scale Selection
FS1
FS0
Mode
g Range
0
0
Standby
—
0
1
Active
±2g
1
0
Active
±4g
1
1
Active
±8g
0x39 CTRL_REG2 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ST
BOOT
0
0
0
0
SLPE
MODS
Table 57. CTRL_REG2 Description
ST
Self-Test Enable. Default value: 0
0: Self-Test disabled; 1: Self-Test enabled
BOOT
Reboot device content (Software Reset). Default value: 0
0: device reboot disabled; 1: device reboot enabled.
SLPE(1)
1. When SLPE = 1, the transitioning between sleep mode and wake mode results in a FIFO flush and a reset of internal functional block counters. All functional block
status information are preserve except otherwise stated. See Table 58 for more information about the FIFO_GATE bit in CTRL_REG3 register.
Auto-Sleep enable. Default value: 0
0: Auto-Sleep is not enabled;
1: Auto-Sleep is enabled.
MODS
Low power mode / Normal mode selection. Default value: 0
0: normal mode; 1: low power mode.
0x3A CTRL_REG3 Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FIFO_GATE
WAKE_TRANS
WAKE_LNDPRT
WAKE_PULSE WAKE_FF_MT_1 WAKE_FF_MT_2
IPOL
PP_OD
Table 55. System Output Data Rate Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com