Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8450QT Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MMA8450QT
Description  3-Axis, 8-bit/12-bit Digital Accelerometer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8450QT Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MMA8450QT Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8450QT Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Sensors
45
Freescale Semiconductor
MMA8450Q
Table 65. Accelerometer Output Data
12-bit Data
Range ±2g
Range ±4g
Range ±8g
0111 1111 1111
1.999g
+3.998g
+7.996g
0111 1111 1110
1.998g
+3.996g
+7.992g
—
—
—
—
0000 0000 0001
0.001g
+0.002g
+0.004g
0000 0000 0000
0.000g
0.000g
0.000g
1111 1111 1111
-0.001g
-0.002g
-0.004g
—
—
—
—
1000 0000 0001
-1.999g
-3.998g
-7.996g
1000 0000 0000
-2.000g
-4.000g
-8.000g
8- bit Data
Range ±2g
Range ±4g
Range ±8g
0111 1111
1.984g
+3.968g
+7.936g
0111 1110
1.968g
+3.936g
+7.872g
—
—
—
—
0000 0001
+0.016g
+0.032g
+0.064g
0000 0000
0.000g
0.000g
0.000g
1111 1111
-0.016g
-0.032g
-0.064g
—
—
—
—
1000 0001
-1.984g
-3.968g
-7.936g
1000 0000
-2.000g
-4.000g
-8.000g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com