Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC9151FDH Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89LPC9151FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151FDH Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89LPC9151FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
41 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
7.12 Memory organization
The various P89LPC9151/9161/9171 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00H:7FH) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00H:FFH) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and status
registers, accessible only via direct addressing.
• XDATA
‘External’ Data or Auxiliary RAM. Duplicates the classic 80C51 64 kB memory space
addressed via the MOVX instruction using the DPTR, R0, or R1. All or part of this
space could be implemented on-chip. Extended SFRs located in XDATA.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC9151/9161/9171 has 2 kB on-chip Code memory.
7.13 Data RAM arrangement
The 256 bytes of on-chip RAM are organized as shown in Table 12.
7.14 Interrupts
The P89LPC9151/9161/9171 uses a four priority level interrupt structure. This allows
great flexibility in controlling the handling of the many interrupt sources.
The P89LPC9151/9171 supports 13 interrupt sources: external interrupts 0 and 1, timers
0 and 1, serial port TX, serial port RX, combined serial port RX/TX, brownout detect,
watchdog/RTC, I2C-bus, keyboard, comparators 1 and 2, A/D completion.
The P89LPC9161 supports 13 interrupt sources: external interrupts 0, timers 0 and 1,
serial port TX, serial port RX, combined serial port RX/TX, brownout detect,
watchdog/RTC, I2C-bus, keyboard, comparators 1 and 2, SPI, ADC completion.
Each interrupt source can be individually enabled or disabled by setting or clearing a bit in
the interrupt enable registers IEN0 or IEN1. The IEN0 register also contains a global
disable bit, EA, which disables all interrupts.
Table 12.
On-chip data memory usages
Type
Data RAM
Size (bytes)
DATA
Memory that can be addressed directly and indirectly
128
IDATA
Memory that can be addressed indirectly
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com