Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 356 page
background image
Chapter 2 Pins and Connections
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
25
Figure 2-3. 32-Pin LQFP
RESET
1
2
3
4
5
6
7
8
VSS
PTG0/EXTAL
PTD3/PID3/TPM1CH1
PTD4/PID4/TPM1CH2
PTD5/PID5/TPM1CH3
BKGD/MS
PTB1/PIB1/ADP9
22
21
20
19
18
17
10
11
12
13
14
15
25
9
24
32
PTE0/TxD1
PTE1/RxD1
16
PTD2/PID2/TPM1CH0
26
27
PTG1/XTAL
PTB0/PIB0/ADP8
23
PTA0/PIA0/ADP0/MCLK
31
30
29
28
PTA7/PIA7/ADP7/IRQ
VDD
32-Pin LQFP
VREFH and VREFL are internally connected to VDDA and VSSA, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com