Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 100Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 102Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
99
6.5.5
Port E Registers
Port E is controlled by the registers listed below.
6.5.5.1
Port E Data Register (PTED)
6.5.5.2
Port E Data Direction Register (PTEDD)
76543210
R
PTED7
PTED6
PTED5
PTED4
PTED3
PTED2
PTED11
1
Reads of this bit always return the pin value of the associated pin, regardless of the value stored in the port data direction bit.
PTED0
W
Reset:
00000000
Figure 6-32. Port E Data Register (PTED)
Table 6-30. PTED Register Field Descriptions
Field
Description
7:0
PTED[7:0]
Port E Data Register Bits — For port E pins that are inputs, reads return the logic level on the pin. For port E
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port E pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTED to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups disabled.
76543210
R
PTEDD7
PTEDD6
PTEDD5
PTEDD4
PTEDD3
PTEDD2
PTEDD11
1
PTEDD1 has no effect on the input-only PTE1 pin.
PTEDD0
W
Reset:
00000000
Figure 6-33. Port E Data Direction Register (PTEDD)
Table 6-31. PTEDD Register Field Descriptions
Field
Description
7:0
PTEDD[7:0]
Data Direction for Port E Bits — These read/write bits control the direction of port E pins and what is read for
PTED reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port E bit n and PTED reads return the contents of PTEDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com