Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 89Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 90Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
88
Freescale Semiconductor
6.5.2
Port B Registers
Port B is controlled by the registers listed below.
6.5.2.1
Port B Data Register (PTBD)
6.5.2.2
Port B Data Direction Register (PTBDD)
76543210
R
PTBD7
PTBD6
PTBD5
PTBD4
PTBD3
PTBD2
PTBD1
PTBD0
W
Reset:
00000000
Figure 6-11. Port B Data Register (PTBD)
Table 6-9. PTBD Register Field Descriptions
Field
Description
7:0
PTBD[7:0]
Port B Data Register Bits — For port B pins that are inputs, reads return the logic level on the pin. For port B
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port B pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTBD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups/pull-downs disabled.
76543210
R
PTBDD7
PTBDD6
PTBDD5
PTBDD4
PTBDD3
PTBDD2
PTBDD1
PTBDD0
W
Reset:
00000000
Figure 6-12. Port B Data Direction Register (PTBDD)
Table 6-10. PTBDD Register Field Descriptions
Field
Description
7:0
PTBDD[7:0]
Data Direction for Port B Bits — These read/write bits control the direction of port B pins and what is read for
PTBD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port B bit n and PTBD reads return the contents of PTBDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com