Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 356 page
background image
Chapter 1 Device Overview
MC9S08DN60 Series Data Sheet, Rev 3
20
Freescale Semiconductor
1.2
MCU Block Diagram
Figure 1-1 is the MC9S08DN60 Series system-level block diagram.
Figure 1-1. MC9S08DN60 Block Diagram
ANALOG COMPARATOR
(ACMP1)
ACMP1O
ACMP1-
ACMP1+
VSS
VDD
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
USER FLASH
USER RAM
MC9S08DN60 = 60K
HCS08 CORE
CPU
BDC
6-CHANNEL TIMER/PWM
MODULE (TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
COP
IRQ
LVD
OSCILLATOR (XOSC)
MULTI-PURPOSE
CLOCK GENERATOR
RESET
VREFL
VREFH
ANALOG-TO-DIGITAL
CONVERTER (ADC)
MC9S08DN60 = 2K
16-CHANNEL, 12-BIT
BKGD/MS
INTERFACE (SCI1)
SERIAL COMMUNICATIONS
SDA
SCL
MISO
SS
SPSCK
TxD1
RxD1
XTAL
EXTAL
8
(MCG)
2-CHANNEL TIMER/PWM
MODULE (TPM2)
REAL TIME COUNTER (RTC)
DEBUG MODULE (DBG)
PTA3/PIA3/ADP3/ACMP1O
PTA4/PIA4/ADP4
PTA5/PIA5/ADP5
PTA2/PIA2/ADP2/ACMP1-
PTA1/PIA1/ADP1/ACMP1+
PTA0/PIA0/ADP0/MCLK
PTA6/PIA6/ADP6
PTA7/PIA7/ADP7/IRQ
MOSI
PTB3/PIB3/ADP11
PTB4/PIB4/ADP12
PTB5/PIB5/ADP13
PTB2/PIB2/ADP10
PTB1/PIB1/ADP9
PTB0/PIB0/ADP8
PTB6/PIB6/ADP14
PTB7/PIB7/ADP15
PTC3
PTC4
PTC5
PTC2
PTC1
PTC0
PTC6
PTC7
PTD3/PID3/TPM1CH1
PTD4/PID4/TPM1CH2
PTD5/PID5/TPM1CH3
PTD2/PID2/TPM1CH0
PTD1/PID1/TPM2CH1
PTD0/PID0/TPM2CH0
PTD6/PID6/TPM1CH4
PTD7/PID7/TPM1CH5
PTE3/SPSCK
PTE4/SCL/MOSI
PTE5/SDA/MISO
PTE2/SS
PTE1/RxD1
PTE0/TxD1
PTE6
PTE7
PTF3/TPM2CLK/SDA
PTF4/ACMP2+
PTF5/ACMP2-
PTF2/TPM1CLK/SCL
PTF1
PTF0
PTF6/ACMP2O
PTF7
PTG1/XTAL
PTG2
PTG3
PTG4
PTG5
PTG0/EXTAL
VSS
VDD
VSSA
VDDA
BKP
INT
ANALOG COMPARATOR
(ACMP2)
ACMP2O
ACMP2-
ACMP2+
USER EEPROM
MC9S08DN60 = 2K
ADP7-ADP0
ADP15-ADP8
6
TPM1CH5 -
TPM2CH1,
TPM2CH0
TPM2CLK
TPM1CLK
TPM1CH0
- Pin not connected in 48-pin and 32-pin packages
- Pin not connected in 32-pin package
- VREFH/VREFL internally connected to VDDA/VSSA in 48-pin and 32-pin packages
- VDD and VSS pins are each internally connected to two pads in 32-pin package
MC9S08DN48 = 48K
MC9S08DN32 = 32K
MC9S08DN16 =16K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com