Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 356 page
background image
Chapter 2 Pins and Connections
MC9S08DN60 Series Data Sheet, Rev 3
26
Freescale Semiconductor
2.2
Recommended System Connections
Figure 2-4 shows pin connections that are common to MC9S08DN60 Series application systems.
Figure 2-4. Basic System Connections (Shown in 64-Pin Package)
NOTES:
1. External crystal circuit not
required if using the
internal clock option.
2. RESET pin can only be
used to reset into user
mode, you can not enter
BDM using RESET pin.
BDM can be entered by
holding MS low during
POR or writing a 1 to
BDFR in SBDFR with MS
low after issuing BDM
command.
3. RC filter on RESET pin
recommended for noisy
environments.
4. For 32-pin and 48-pin
packages: VDDA and VSSA
are double bonded to
VREFH and VREFL
respectively.
PORT
A
C2
C1
X1
RF
RS
PTA0/PIA0/ADP0/MCLK
PTA1/PIA1/ADP1/ACMP1+
PTA2/PIA2/ADP2/ACMP1-
PTA3/PIA3/ADP3/ACMP1O
PTA4/PIA4/ADP4
PTA5/PIA5/ADP5
PTA6/PIA6/ADP6
PTA7/PIA7/ADP7/IRQ
PORT
B
PTB0/PIB0/ADP8
PTB1/PIB1/ADP9
PORT
C
PORT
D
PTD2/PID2/TPM1CH0
PTD3/PID3/TPM1CH1
PTD4/PID4/TPM1CH2
PTD5/PID5/TPM1CH3
PORT
E
PORT
G
PTG2
PTG3
PTG4
PTG5
PORT
F
IRQ
MC9S08DN60
PTG0/EXTAL
PTG1/XTAL
PTF0
PTF1
PTF2/TPM1CLK/SCL
PTF3/TPM2CLK/SDA
PTF4/ACMP2+
PTF5/ACMP2–
PTF6/ACMP2O
PTF7
PTE0/TxD1
PTE1/RxD1
PTE2/SS
PTE3/SPSCK
PTE4/SCL/MOSI
PTE5/SDA/MISO
PTE6
PTE7
PTD0/PID0/TPM2CH0
PTD1/PID1/TPM2CH1
PTB2/PIB2/ADP10
PTB3/PIB3/ADP11
PTB4/PIB4/ADP12
PTB5/PIB5/ADP13
PTB6/PIB6/ADP14
PTB7/PIB7/ADP15
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTC6
PTC7
PTD6/PID6/TPM1CH4
PTD7/PID7/TPM1CH5
CBY
0.1
μF
VREFH
VREFL
VSSA
VDDA
VDD
VSS
CBY
0.1
μF
CBLK
10
μF
+
5 V
+
SYSTEM
POWER
BKGD/MS
RESET
OPTIONAL
MANUAL
RESET
VDD
BACKGROUND HEADER
0.1
μF
VDD
4.7 k
Ω–10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com