Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 253 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 249Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 356 page
background image
Chapter 14 Real-Time Counter (S08RTCV1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
253
14.3.1
RTC Status and Control Register (RTCSC)
RTCSC contains the real-time interrupt status flag (RTIF), the clock select bits (RTCLKS), the real-time
interrupt enable bit (RTIE), and the prescaler select bits (RTCPS).
7
654
3
210
R
RTIF
RTCLKS
RTIE
RTCPS
W
Reset:
0
0
0
0
0
0
0
0
Figure 14-3. RTC Status and Control Register (RTCSC)
Table 14-2. RTCSC Field Descriptions
Field
Description
7
RTIF
Real-Time Interrupt Flag This status bit indicates the RTC counter register reached the value in the RTC modulo
register. Writing a logic 0 has no effect. Writing a logic 1 clears the bit and the real-time interrupt request. Reset
clears RTIF.
0 RTC counter has not reached the value in the RTC modulo register.
1 RTC counter has reached the value in the RTC modulo register.
6–5
RTCLKS
Real-Time Clock Source Select. These two read/write bits select the clock source input to the RTC prescaler.
Changing the clock source clears the prescaler and RTCCNT counters. When selecting a clock source, ensure
that the clock source is properly enabled (if applicable) to ensure correct operation of the RTC. Reset clears
RTCLKS.
00 Real-time clock source is the 1-kHz low power oscillator (LPO)
01 Real-time clock source is the external clock (ERCLK)
1x Real-time clock source is the internal clock (IRCLK)
4
RTIE
Real-Time Interrupt Enable. This read/write bit enables real-time interrupts. If RTIE is set, then an interrupt is
generated when RTIF is set. Reset clears RTIE.
0 Real-time interrupt requests are disabled. Use software polling.
1 Real-time interrupt requests are enabled.
3–0
RTCPS
Real-Time Clock Prescaler Select. These four read/write bits select binary-based or decimal-based divide-by
values for the clock source. See Table 14-3. Changing the prescaler value clears the prescaler and RTCCNT
counters. Reset clears RTCPS.
Table 14-3. RTC Prescaler Divide-by values
RTCLKS[0]
RTCPS
0
1
2
3
4
5678
9
10
11
12
13
14
15
0
Off
23
25
26
27
28
29
210
12
22
10
24
102
5x102
103
1
Off
210
211
212
213
214
215
216
103
2x103 5x103
104
2x104 5x104
105
2x105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com