Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 6 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AMIS41683CANN1RG Datasheet HTML 2Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 3Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 4Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 5Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 6Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
6
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 7 : CANH shorted to CANL
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: dominant longer then Tnd_f7
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 1 : CANH wire interrupted
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CL= CH more then 4 pulses
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 2 : CANL wire interrupted
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CL= CH more then 4 pulses
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 5 : CANH shorted to Gnd
GND
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CL= CH more then 4 pulses
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 3 : CANH shorted to Vbat
Vbat
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CANH > 2V longer then Tnd_f3
Vcc
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 3a : CANH shorted to Vcc
Vcc
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CANH >2V longer then Tnd_f3
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 4 : CANL shorted to Gnd
GND
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: dominant longer then Tnd_f4
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 6 : CANL wire shorted to Vbat
Vbat
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CANL>7V
RTH
CANH
CANL
RTL
RTH
CANH
CANL
RTL
TxD
RxD
ERR
Vcc
Vbat
Failure 6a : CANL shorted to Vcc
Vcc
TxD
RxD
ERR
0.6Vcc
0.4Vcc
CL
CH
CD
Error−detection: CL= CH more then 4 pulses
Figure 4. Different Types of Wiring Failure
Low Power Modes
The transceiver provides three low power modes, which
can be entered and exited via Pins STBB and EN (see
Figure 5). (Go−to−sleep mode is only a transition mode.)
The sleep mode is the mode with the lowest power
consumption. Pin INH is switched to high−impedance for
deactivation of the external voltage regulator. Pin CANL is
biased to the battery voltage via Pin RTL. If the supply
voltage is provided, Pins RXD and ERR will signal the
wake−up interrupt signal.
The standby mode will react the same as the sleep mode
but with a high−level on pin INH.
The power−on standby mode is the same as the standby
mode with the battery power−on flag instead of the wake−up
interrupt signal on Pin ERR. The output on Pin RXD will
show the wake−up interrupt. This mode is only for reading
out the power−on flag.
Wake−up request is detected by the following events:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com