Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 8 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AMIS41683CANN1RG Datasheet HTML 4Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 5Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 6Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 10Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 11Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
Definitions
All voltages are referenced to GND (Pin 13). Positive
currents flow into the IC. Sinking current means that the
current is flowing into the pin. Sourcing current means that
the current is flowing out of the pin.
Table 5. CHARACTERISTICS AMIS−4168x VCC = 4.75 V to 5.25 V, VBAT = 5 V to 36 V, TJ = −40°C to +150°C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLIES VCC VBAT
ICC
Supply Current
Normal Operating Mode;
VTXD = VCC (Recessive)
1
3.7
6.3
mA
Normal Operating Mode;
VTXD = 0 V (Dominant); No Load
1
8
12
mA
FLAG_VCC
Forced Low Power Mode
VCC Rising
VCC Falling
2.45
4.5
V
IBAT
Battery Current on Pin BAT
In All Modes of Operation;
500 V between RTL − CANL
500 V between RTH − CANH
VBAT = WAKE = INH = 5 V to 36 V
10
110
230
mA
In Sleepmode
VCC = 0 V, VBAT = 12.5 V
TA = 70°C
35
42
mA
ICC+ IBAT
Supply Current Plus Battery Current
Low power modes; VCC = 5 V;
TA = −40°C to 100°C
VBAT = WAKE = INH = 5 to 36V
30
60
mA
ICC+ IBAT
Supply Current Plus Battery Current
Low power modes; VCC = 5 V;
TA = 100°C to 150°C
VBAT = WAKE = INH = 5 V to 36 V
80
mA
FLAG_VBAT
Power−on Flag−Level for Pin VBAT
For Setting Power−on Flag
For Not Setting Power−on Flag
3.5
2.1
2.4
1
V
PINS STB, EN AND TXD
RPD
Pulldown Resistor at Pin EN and STB
1 V
190
360
600
kW
TDisTxD
Dominant Time−out for TxD
Normal Mode; VtxD = 0 V
0.75
4
ms
TGoToSleep
Minimum Hold−Time for Go−To−Sleep
Mode
5
50
ms
PIN WAKE
IIL
Low−Level Input Current
VWAKE = 0 V; VBAT = 27V
−10
−1
mA
Vth(WAKE)
Wake−up Threshold Voltage
VSTB = 0 V
2.5
3.2
3.9
V
TWakeMin
Minimum Time on Pin Wake (De-
bounce Time)
VBAT = 12 V; Low Power Mode; for
Rising and Falling Edge
7
38
ms
PIN INH
DVH
High−Level Voltage Drop
IINH = $0.18 mA
0.8
V
Ileak
Leakage Current
Sleep mode; VINH = 0 V
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com