Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 10 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AMIS41683CANN1RG Datasheet HTML 6Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 10Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 11Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 12Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 13Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
10
Table 8. CHARACTERISTICS AMIS−4168x VCC = 4.75 V to 5.25 V, VBAT = 5 V to 36 V, TJ = −40°C to +150°C; unless otherwise
specified.
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
Pins CANH and CANL (Receiver)
DVth(wake)
Difference of Wake−up Threshold
Voltages
Low Power Modes
0.8
1.4
V
PINS CANH AND CANL (TRANSMITTER)
VO(reces)
Recessive Output Voltage
On Pin CANH
On Pin CANL
VTXD = VCC
RRTH < 4 kW
RRTL < 4 kW
VCC −
0.2
0.2
V
VO(dom)
Dominant Output Voltage
On Pin CANH
On Pin CANL
VTXD = 0V; VEN = VCC
0 mA ≥ ICANH ≥ −40 mA
0 mA ≤ ICANL ≤ 40 mA
VCC −
1.4
1.4
V
IO(CANH)
Output Current on Pin CANH
Normal Operating Mode;
VCANH = 0V; VTXD = 0 V
−110
−80
−45
mA
Low Power Modes;
VCANH = 0V; VCC = 5 V
−1.6
0.5
1.6
mA
IO(CANL)
Output Current on Pin CANL
Normal Operating Mode;
VCANL = 14 V; VTXD = 0 V
45
80
110
mA
Low Power Modes; VCANL = 12 V;
VBAT = 12 V
−1
0.5
1
mA
PINS RTH AND RTL
RSW(RTL)
Switch−on Resistance Between Pin
RTL and VCC
Normal operating mode; I(RTL) >
−10 mA
100
W
RSW(RTH)
Switch−on Resistance Between Pin
RTH and ground
Normal operating mode; I(RTH) <
10 mA
100
W
VO(RTH)
Output Voltage on Pin RTH
Low power modes; IO = 1 mA
1.0
V
IO(RTL)
Output Current on Pin RTL
Low power modes; VRTL = 0 V
−1.25
−0.3
mA
Ipu(RTL)
Pullup Current on Pin RTL
Normal operating mode and failures
4, 6 and 7; VRTL = 0 V
−75
mA
Ipd(RTH)
Pulldown Current on Pin RTH
Normal operating mode and failures
3 and 3a
−75
mA
THERMAL SHUTDOWN
TJ
Junction Temperature
For Shutdown
150
180
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com