Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS41683CANN1RG Datasheet HTML 1Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 2Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 3Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 4Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 5Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 6Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 8
1
Publication Order Number:
AMIS−41682/D
AMIS-41682, AMIS-41683
Fault Tolerant CAN
Transceiver
Description
The new AMIS−41682 and AMIS−41683 are interfaces between the
protocol controller and the physical wires of the bus lines in a control
area network (CAN). AMIS−41683 is identical to the AMIS−41682
but has a true 3.3 V digital interface to the CAN controller. The device
provides differential transmit capability but will switch in error
conditions to a single−wire transmitter and/or receiver. Initially it will
be used for low speed applications, up to 125 kB, in passenger cars.
Both AMIS−41682 and AMIS−41683 are implemented in I2T100
technology enabling both high−voltage analog circuitry and digital
functionality to co−exist on the same chip.
These products consolidate the expertise of ON Semiconductor for
in−car multiplex transceivers and support together with
0REMX−002−XTP (VAN), AMIS−30660 and AMIS−30663 (CAN
high speed) and AMIS−30600 (LIN) another widely used physical
layer.
Features
• Fully Compatible with ISO11898−3 Standard
• Optimized for In−Car Low−speed Communication
♦
Baud Rate up to 125 kB
♦
Up to 32 Nodes can be Connected
♦
Due to Built−in Slope Control function and a very Good Matching
of the CANL and CANH bus outputs, this device realizes a very
low electromagnetic emission (EME)
♦
Fully Integrated Receiver Filters
♦
Permanent Dominant Monitoring of Transmit Data Input
♦
Differential Receiver with Wide Common−Mode
Range for High Electromagnetic Susceptibility
(EMS) in Normal− and Low−Power Modes
♦
True 3.3 V Digital I/O Interface to CAN Controller
for AMIS−41683 Only
• Management in Case of Bus Failure
♦
In the Event of Bus Failures, Automatic Switching
to Single−Wire Mode, even when the CANH Bus
Wire is Short−Circuited to VCC
♦
The Device will Automatically Reset to Differential
Mode if the Bus Failure is Removed
♦
During Failure Modes There is Full Wake−up
Capability
♦
Unpowered Nodes do not Disturb Bus Lines
♦
Bus Errors and Thermal Shutdown Activation is
Flagged on ERR Pin
• Protection Issues
♦
Short Circuit Proof to Battery and Ground
♦
Thermal Protection
♦
The Bus Lines are Protected Against Transients in
an Automotive Environment
♦
An Unpowered Node Does not Disturb the
Bus Lines
• Support for Low Power Modes
♦
Low Current Sleep and Standby Mode with
Wake−up via the Bus Lines
♦
Power−on Flag on the Output
♦
Two−Edge Sensitive Wake−up Input Signal via
Pin WAKE
• I/Os
♦
The unpowered chip cannot be parasitically supplied
either from digital inputs or from digital outputs
• These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN ASSIGNMENT
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
8
9
10
11
12
13
14
1
2
3
4
5
6
7
INH
TxD
RxD
EN
VBAT
RTL
RTH
GND
CANL
CANH
VCC
PC20041029.1
ERR
STB
WAKE


Similar Part No. - AMIS41683CANN1RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS41683CANN1RG ONSEMI-AMIS41683CANN1RG Datasheet
259Kb / 16P
Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS41683CANN1RG ONSEMI-AMIS41683CANN1RG Datasheet
484Kb / 20P
Fault Tolerant CAN Transceiver
June 2008 ??Rev. 4
AMIS41683CANN1RG ONSEMI-AMIS41683CANN1RG Datasheet
219Kb / 16P
Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
AMIS41683CANN1RG ONSEMI-AMIS41683CANN1RG Datasheet
219Kb / 16P
Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results

Similar Description - AMIS41683CANN1RG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 15
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
Fault-tolerant CAN transceiver
1999 Feb 11
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
FAULT TOLERANT CAN TRANSCEIVER
Jul-2003
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com