Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 11 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 10Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 11Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 12Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 13Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 14Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
11
Table 9. TIMING CHARACTERISTICS AMIS−4168x VCC = 4.75 V to 5.25 V, VBAT = 5 V to 27 V, VSTB = VCC, TJ = −40°C to
+150°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tt(r−d)
CANL and CANH Output
Transition Time for
Recessive−to−Dominant
10 to 90%;
C1 = 10 nF; C2 = 0; R1 = 125 W (See Figure 6)
0.35
0.60
1.4
ms
tt(d−r)
CANL and CANH Output
Transition Time for
Dominant−to−Recessive
10 to 90%;
C1 = 1 nF; C2 = 0; R1 = 125 W (See Figure 6)
0.2
0.3
0.7
ms
tPD(L)
Propagation Delay TXD to
RXD (LOW)
No Failures
C1 = 1 nF; C2 = 0; R1 = 125 W
C1 = C2 = 3.3 nF; R1 = 125 W
0.75
1.4
1.5
2.1
ms
Failures 1, 2, 5, and 6a (See Figures 4 and 6)
1.2
1.4
1.9
2.1
ms
Failures 3, 3a, 4, 6, and 7 (See Figures 4 and 6)
C1 = 1 nF; C2 = 0; R1 = 125 W C1 = C2 = 3.3 nF;
R1 = 125 W
C1 = 1 nF; C2 = 0; R1 = 125 W
C1 = C2 = 3.3nF; R1 = 125 W
1.2
1.5
1.9
2.2
ms
tPD(H)
Propagation Delay TXD to
RXD (HIGH)
No Failures
C1 = 1 nF; C2 = 0; R1 = 125 W
C1 = C2 = 3.3nF; R1 = 125 W
0.75
2.5
1.5
3.0
ms
Failures 1, 2, 5, and 6a (See Figures 4 and 6)
C1 = 1nF; C2 = 0; R1 = 125 W
C1 = C2 = 3.3nF; R1 = 125 W
1.2
2.5
1.9
3.0
ms
Failures 3, 3a, 4, 6, and 7 (See Figures 4 and 6)
C1 = 1 nF; C2 = 0; R1 = 125 W
C1 = C2 = 3.3 nF; R1 = 125 W
1.2
1.5
1.9
2.2
ms
tCANH(min)
Minimum Dominant Time for
Wake−up on Pin CANH
Low Power Modes; VBAT = 12 V
7
38
ms
tCANL(min)
Minimum Dominant Time for
Wake−up on Pin CANL
Low Power Modes; VBAT = 12 V
7
38
ms
tdet
Failure Detection Time
Normal Mode
Failure 3 and 3a
Failure 4, 6 and 7
1.6
0.3
8.0
1.6
ms
Low Power Modes; VBAT = 12 V
Failure 3 and 3a
Failure 4 and 7
1.6
0.1
8.0
1.6
ms
trec
Failure Recovery Time
Normal Mode
Failure 3 and 3a
Failure 4 and 7
Failure 6
0.3
7
125
1.6
38
750
ms
ms
ms
Low Power Modes; VBAT = 12 V
Failures 3, 3a, 4, and 7
0.3
1.6
ms
Dpc
Pulse−Count Difference
Between CANH and CANL
Normal Mode and Failures 1, 2, 4, and 6a
Failure Detection (Pin ERR becomes LOW)
Failure Recovery (Pin ERR becomes HIGH)
4
4
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com