Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 3 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 3 Page - ON Semiconductor

  AMIS41683CANN1RG Datasheet HTML 1Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 2Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 3Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 4Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 5Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 6Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
3
Table 2. PIN DESCRIPTION
Pin
Name
Description
1
INH
Inhibit Output for External Voltage Regulator
2
TxD
Transmit Data Input; Internal Pullup Current
3
RxD
Receive Data Output
4
ERR
Error; Wake−up and Power−on Flag; Active Low
5
STB
Standby Digital Control Input; Active Low; Pulldown Resistor
6
EN
Standby Digital Control Input; Active High; Pulldown Resistor
7
WAKE
Enable Digital Control Input; Falling and Rising Edges are Both Detected
8
RTH
Pin for External Termination Resistor at CANH
9
RTL
Pin for External Termination Resistor at CANL
10
VCC
5 V Supply Input
11
CANH
Bus Line; High in Dominant State
12
CANL
Bus Line; Low in Dominant State
13
GND
Ground
14
VBAT
Battery Supply
Table 3. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage on Pin VCC
−0.3
+6
V
VBAT
Battery Voltage on Pin VBAT
−0.3
+40
V
Vdig
DC Voltage on Pins EN, STB, ERR, TxD, RxD
−0.3
VCC + 0.3
V
VCANH−L
DC Voltage on Pin CANH, CANL
−40
+40
V
Vtran−CAN
Transient Voltage on Pins CANH and CANL (Figure 10) (Note 1)
−350
+350
V
VWAKE
DC Input Voltage on Pin WAKE
−40
+40
V
VINH
DC Output Voltage on Pin INH
−0.3
VBAT + 0.3
V
VRTH−L
DC Voltage on Pin RTH, RTL
−40
40
V
RRTH
Termination Resistance on Pin RTH
500
16000
W
RRTL
Termination Resistance on Pin RTL
500
16000
W
TJ
Maximum Junction Temperature
−40
+150
°C
Vesd
Electrostatic discharge voltage (CANH− and CANL Pin)
Human Body Model (Note 2)
−6
+6
kV
Electrostatic Discharge Voltage (Other Pins) Human Body Model (Note 2)
−2.0
+2.0
kV
Electrostatic Discharge Voltage; CDM (Note 3)
−500
+500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The applied transients shall be in accordance with ISO 7637 part 1, test pulses 1, 2, 3a, and 3b. Class C operation
2. Human Body Model according Mil−Std−883C−Meth−3015.7
3. Charged Device Model according ESD−STM5.3.1−1999
Table 4. THERMAL CHARACTERISTICS
Symbol
Parameter
Conditions
Value
Unit
Rth(vj−a)
Thermal Resistance from Junction−to−Ambient in SSOP−14 Package
(Two Layer PCB)
In Free Air
140
K/W
Rth(vj−s)
Thermal Resistance from Junction−to−Substrate of Bare Die
In Free Air
30
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com