Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS41683CANN1RG Datasheet(PDF) 9 Page - ON Semiconductor

Part # AMIS41683CANN1RG
Description  Fault Tolerant CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS41683CANN1RG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AMIS41683CANN1RG Datasheet HTML 5Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 6Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 7Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 8Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 9Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 10Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 11Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 12Page - ON Semiconductor AMIS41683CANN1RG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AMIS−41682, AMIS−41683
http://onsemi.com
9
Table 6. CHARACTERISTICS AMIS−41682 (5 V Version) VCC = 4.75 V to 5.25 V, VBAT = 5 V to 36 V, TJ = −40°C to +150°C;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PINS STB, EN AND TXD
VIH
High−level input voltage
0.7 x
VCC
6.0
V
VIL
Low−level input voltage
−0.3
0.3 x
VCC
V
I−PU−H
High−level input current pin TXD
TXD = 0.7 * VCC
−10
−200
mA
I−PU−L
Low−level input current pin TXD
TXD = 0.3 * VCC
−80
−800
mA
PINS RXD AND ERR
VOH
High−level output voltage
lsource = −1 mA
VCC −
0.9
VCC
V
VOL
Low−level output voltage
Isink = 1.6 mA
0
0.4
V
Isink = 7.5 mA
0
1.5
V
Table 7. CHARACTERISTICS AMIS−41683 (3.3 Version) VCC = 4.75 V to 5.25 V, VBAT = 5 V to 36 V, TJ = −40°C to +150°C;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PINS STB, EN AND TXD
VIH
High−Level Input Voltage
2
6.0
V
VIL
Low−Level Input Voltage
−0.3
0.8
V
I−PU−H
High−Level Input Current Pin TXD
TXD = 2 V
−10
mA
PINS RXD AND ERR
VOL
Low−Level Output Voltage Open Drain
lsink = 3.2 mA
0.4
V
Ileak
Leakage When Driver is Off
VERR = VRXD = 5 V
1
mA
Table 8. CHARACTERISTICS AMIS−4168x VCC = 4.75 V to 5.25 V, VBAT = 5 V to 36 V, TJ = −40°C to +150°C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pins CANH and CANL (Receiver)
Vdiff
Differential Receiver
Threshold Voltage
No Failures and Bus Failures 1, 2, 4,
and 6a (See Figure 4)
VCC = 5 V
VCC = 4.75 V to 5.25 V
−3.25
0.65 x
VCC
−3
0.6 x
VCC
−2.75
0.55 x
VCC
V
VseCANH
Single−Ended Receiver Threshold
Voltage on Pin CANH
Normal Operating Mode and Failures
4, 6 and 7
VCC = 5 V
VCC = 4.75 V to 5.25 V
1.6
0.32 x
VCC
1.775
0.355
x VCC
1.95
0.39 x
VCC
V
VseCANL
Single−Ended Receiver Threshold
Voltage on Pin CANL
Normal Operating Mode and Failures
3 and 3a
VCC = 5 V
VCC = 4.75 V to 5.25 V
3
0.61 x
VCC
3.2
0.645
x VCC
3.4
0.68 x
VCC
V
V
Vdet(CANL)
Detection Threshold
Voltage for Short Circuit to Battery
Voltage on Pin CANL
Normal Operating Mode
6.5
7.3
8
V
Vth(wake)
Wake−up Threshold Voltage
On Pin CANL
On Pin CANH
Low Power Modes
2.5
1.1
3.2
1.8
3. 9
2.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com