Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 142 page
background image
Resets
General Release Specification
MC68HC05CT4 — Rev. 2.0
Resets
5.4.2.5 COP Register
The COP register is shared with the MSB of an unimplemented user
interrupt vector as shown in Figure 5-3. Reading this location returns
whatever user data has been programmed at this location. Writing a zero
to the COPR bit in this location clears the COP watchdog timer.
5.4.3 Illegal Address
An illegal address reset is generated when the CPU attempts to fetch an
instruction from either unimplemented address space ($0130 to $0AFF)
or I/O address space ($0000 to $002F).
Table 5-1. COP Watchdog Timer Recommendations
IF the following conditions exist:
THEN the COP Watchdog Timer should be:
WAIT Time
WAIT Time less than COP Timeout
Enable or Disable COP by Mask Option
WAIT Time More than COP Timeout
Disable COP by Mask Option
Any length WAIT Time
Disable COP by Mask Option
Addr
Register Name
Bit 7
654321
Bit 0
$1FF0
Unimplemented Vector
and COP Watchdog Timer
Read:
XXXXXXXX
Write:
COPR
= Unimplemented
Figure 5-3. COP Watchdog Timer Location
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com