Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 92Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 142 page
background image
Pulse Width Modulator (PWM)
General Release Specification
MC68HC05CT4 — Rev. 2.0
Pulse Width Modulator (PWM)
12.4 PWM Data Register
One PWM data register (PWMDR), located at $0020, is associated with
the PWM system. This 8-bit data register holds the duty cycle for the
PWM output; however, only six of these bits are used. PWMDR can be
written to and read at any time. Writes to the PWMDR are buffered and
are not transferred to the active register until the end of the PWM cycle
during which the write was executed.
Upon RESET the user should write to the data register prior to enabling
the PWM system (for example, prior to setting the PWME bit in the
miscellaneous control register). This avoids an erroneous duty cycle
from being driven.
PWME — Miscellaneous Control Register PWM Enable Bit
When set, this bit enables the PWM subsystem. Its main function is to
allow the user to save power when not using the PWM. When
enabled, the clocks are active to the module. When clear, this bit
shuts off the clocks to the module and relinquishes control of PC7 to
the port C logic (the PC7 pullup option should not be selected if the
PWM is used). Reset clears this bit. This bit is located in the
miscellaneous control register found in Section 13. Comparators.
Address:
$0020
Bit 7
654321
Bit 0
Read:
00
Write:
Reset:
Unaffected by Reset
Figure 12-3. PWM Data Register (PWMDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com