Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
16-Bit Timer
General Release Specification
MC68HC05CT4 — Rev. 2.0
16-Bit Timer
8.3 Counter Register
The key element in the programmable timer is a 16-bit, free-running
counter or counter register, preceded by a prescaler that divides the
internal processor clock by four. The prescaler gives the timer a
resolution of 2.0 microseconds if the internal bus clock is 2.0 MHz. The
counter is incremented during the low portion of the internal bus clock.
Software can read the counter at any time without affecting its value.
The double-byte, free-running counter can be read from either of two
locations, $18–$19 (counter register) or $1A–$1B (counter alternate
register). If a read of the free-running counter or counter alternate
register is from the least significant byte (LSB) ($19, $1B), the LSB
receives the count value at the time of the read. If a read of the free-
running counter or counter alternate register first addresses the most
significant byte (MSB) ($18, $1A), the LSB ($19, $1B) is transferred to a
buffer. This buffer value remains fixed after the first MSB read, even if
the user reads the MSB several times. This buffer is accessed when
reading the free-running counter or counter alternate register LSB ($19
or $1B) and, thus, completes a read sequence of the total counter value.
In reading either the free-running counter or counter alternate register, if
the MSB is read, the LSB also must be read to complete the sequence.
The counter alternate register differs from the counter register in one
respect: a read of the counter register MSB can clear the timer overflow
flag (TOF). The counter alternate register can be read at any time
without the possibility of missing timer overflow interrupts due to clearing
of the TOF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com