Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 142 page
background image
16-Bit Timer
Timer During Stop Mode
MC68HC05CT4 — Rev. 2.0
General Release Specification
16-Bit Timer
8.9 Timer During Stop Mode
In stop mode, the timer stops counting and holds the last count value if
stop is exited by an interrupt. If reset is used, the counter is forced to
$FFFC. During stop, if the timer is on and at least one valid input capture
edge occurs at the TCAP pin, the input capture detect circuit is armed.
This does not set any timer flags or wake up the MCU. When the MCU
does wake up, however, there is an active input capture flag and data
from the first valid edge that occurred during the stop mode. If reset is
used to exit stop mode, no input capture flag or data remains, even if a
valid input capture edge occurred.
8.10 Timer Power Supply Source
The timer’s power is supplied by VDD and VSS. VDD2 and VSS2 will not
be needed since this module is not susceptible to supply noise.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com