Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 142 page
background image
Parallel Input/Output (I/O)
Port D
MC68HC05CT4 — Rev. 2.0
General Release Specification
Parallel Input/Output (I/O)
7.6 Port D
Port D is a 7-bit bidirectional port. Two of its pins are shared with the SSI
subsystem, four are shared with the comparators, and one is shared with
the timer. During reset, all seven bits become valid input ports because
all special function output drivers associated with the timer and SSI
subsystems are disabled.
7.7 Input/Output Port Pin Programming
Port pins may be programmed as inputs or outputs under software
control. The direction of the pins is determined by the state of the
corresponding bit in the port data direction register (DDR). Each I/O port
has an associated DDR. Any I/O port pin is configured as an output if its
corresponding DDR bit is set to a logic one. A pin is configured as an
input if its corresponding DDR bit is cleared to a logic 0.
At power-on or reset, all DDRs are cleared, which configures all pins as
inputs. The data direction registers are capable of being written to or
read by the processor. During the programmed output state, a read of
the data register actually reads the value of the output data latch and not
the I/O pin.
Refer to Table 7-1 and to Figure 7-2 for additional information.
Table 7-1. I/O PIn Functions
R/W
DDR
I/O Pin Functions
00
The I/O pin is in input mode. Data is written into the output
data latch.
01
Data is written into the output data latch and output to the
I/O pin.
1
0
The state of the I/O pin is read.
11
The I/O pin is in an output mode. The output data latch is
read.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com