Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
Synchronous Serial Interface (SSI)
SSI Registers
MC68HC05CT4 — Rev. 2.0
General Release Specification
Synchronous Serial Interface (SSI)
9.4.2 SSI Status Register
This register is located at address $001C and contains two bits. Reset
clears both of these bits.
SF — SSI Flag
This bit is set upon occurrence of the last rising clock edge and
indicates that a data transfer has taken place. If MSTR = 0 and
SIE = 0, this bit has no effect on any further transmissions and can be
ignored without problem. However, the SF flag must be clear to write
the data register, or if SIE = 1 to clear the interrupt. If MSTR = 1, the
SF flag must be cleared between transfers. The SF flag can be
cleared three different ways: (1) by reading the SSR with SF set,
followed by a read or write of the serial data register, (2) by a system
reset, or, (3) by disabling the SSI. If the SF flag is cleared before the
last edge of the next byte, it will be set again.
DCOL — Data Collision
This is a read-only status bit, which indicates that an invalid access to
the data register was made. An invalid access can be one of the
following conditions:
•
An access of the SDR register in the middle of a transfer (after the
first falling edge of SCK and before SF is set)
•
An access of the SDR register made before an access of the SSR
register (after SF is set)
DCOL is cleared by reading the status register with SF set followed
by a read or write of the data register. A reset also clears this bit.
Address:
$001C
Bit 7
654321
Bit 0
Read:
SF
DCOL
000000
Write:
Reset:
00000000
Figure 9-4. SSI Status Register (SSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com