Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

68HC05CT4 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 142 page
background image
Synchronous Serial Interface (SSI)
General Release Specification
MC68HC05CT4 — Rev. 2.0
Synchronous Serial Interface (SSI)
When cleared, this bit configures the SSI to the slave mode and
aborts any transmission in progress. Transfers are initiated by an
external master, which should supply the clock to the SCK pin.
CPOL — Clock Polarity
The clock polarity bit controls the state of the SCK pin between
transmissions.
When this bit is set, pin SCK is high between transmissions.
When this bit is cleared, pin SCK is low between transmissions.
In both cases the data is latched on the rising edge of SCK for serial
input and is valid on the rising edge of SCK for serial output. A reset
sets this bit.
NOTE:
If the SSI is used as a slave, the SCK input pin must be active before
enabling the SSI. For example, if CPOL = 0, SCK must be low; if
CPOL = 1, SCK must be high.
T/R — Transmit/Receive
This bit must be set to allow data to be driven on the SDIO pin
(transmitting). It must be cleared to disable the SDIO drivers when
receiving data. It is cleared by a reset.
SR1 and SR0 — SSI Rate
These bits determine the frequency of SCK when in master mode
(MSTR = 1). They have no effect in slave mode (MSTR = 0).
Table 9-1. SSI Rates
SR1 and SR0
SCK Rates (Hz) at fosc Frequency
00
32 kHz
01
64 kHz
10
128 kHz
11
256 kHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com