| Electronic Components Datasheet Search |
|
7549 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7549 Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 86 page ![]() Rev.2.02 Mar 31, 2009 Page 17 of 81 REJ03B0202-0202 7549 Group Fig 16. Block diagram of pins (1) INT0 input Data bus Port latch Pull-up control bit (1) Port P00 Drive capacity control bit Data bus INT1 input (2) Port P01 (3) Port P02 (4) Port P03 CAP0 input (5) Port P04 Serial I/O input Receive enable bit Serial I/O enable bit (6) Port P05 Transmit enable bit P05/TXD P-channel output disable bit (7) Port P06 Serial I/O mode selection bit Serial I/O enable bit Serial I/O synchronous clock selection bit Serial I/O clock output (8) Port P07 SRDY output enable bit Serial I/O ready output represents a parasitic diode. No current flow is possible. Ensure that the input voltage to each pin does not exceed the absolute maximum rating. Note: Port latch Direction register Direction register Pull-up control bit Drive capacity control bit Pull-up control bit Direction register Data bus Port latch Drive capacity control bit Pull-up control bit Data bus Direction register Port latch Drive capacity control bit Pull-up control bit Direction register Port latch Data bus Drive capacity control bit Data bus Pull-up control bit Direction register Port latch Drive capacity control bit Pull-up control bit Direction register Port latch Data bus Drive capacity control bit Pull-up control bit Direction register Port latch Data bus Drive capacity control bit Serial I/O output Serial I/O enable bit Serial I/O enable bit Serial I/O clock input Serial I/O mode selection bit Serial I/O enable bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |