Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 29Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 30Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 31Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 32Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 33Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 34Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 35Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
33
4.3
Register Addresses and Bit Assignments
The registers in the MC9S08QD4 series are divided into these groups:
•
Direct-page registers are located in the first 96 locations in the memory map; these are accessible
with efficient direct addressing mode instructions.
•
High-page registers are used much less often, so they are located above 0x1800 in the memory
map. This leaves more room in the direct page for more frequently used registers and RAM.
•
The nonvolatile register area consists of a block of 16 locations in flash memory at
0xFFB0–0xFFBF. Nonvolatile register locations include:
— NVPROT and NVOPT are loaded into working registers at reset
— An 8-byte backdoor comparison key that optionally allows a user to gain controlled access to
secure memory
Because the nonvolatile register locations are flash memory, they must be erased and programmed
like other flash memory locations.
Direct-page registers can be accessed with efficient direct addressing mode instructions. Bit manipulation
instructions can be used to access any bit in any direct-page register. Table 4-2 is a summary of all
user-accessible direct-page registers and control bits.
The direct page registers in Table 4-2 can use the more efficient direct addressing mode that requires only
the lower byte of the address. Because of this, the lower byte of the address in column one is shown in bold
text. In Table 4-3 and Table 4-4, the whole address in column one is shown in bold. In Table 4-2, Table 4-3,
and Table 4-4, the register names in column two are shown in bold to set them apart from the bit names to
the right. Cells that are not associated with named bits are shaded. A shaded cell with a 0 indicates this
unused bit always reads as a 0. Shaded cells with dashes indicate unused or reserved bit locations that could
read as 1s or 0s.
Table 4-2. Direct-Page Register Summary
Address
Register Name
Bit 7
654321
Bit 0
0x0000
PTAD
0
0
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
0x0001
PTADD
0
0
PTADD5
PTADD4
PTADD3
PTADD2
PTADD1
PTADD0
0x0002–
0x000B
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x000C
KBISC
0
0
0
0
KBF
KBACK
KBIE
KBIMOD
0x000D
KBIPE
KBIPE7
KBIPE6
KBIPE5
KBIPE4
KBIPE3
KBIPE2
KBIPE1
KBIPE0
0x000E
KBIES
KBEDG7
KBEDG6
KBEDG5
KBEDG4
KBEDG3
KBEDG2
KBEDG1
KBEDG0
0x000F
IRQSC
0
IRQPDD
IRQEDG
IRQPE
IRQF
IRQACK
IRQIE
IRQMOD
0x0010
ADCSC1
COCO
AIEN
ADCO
ADCH
0x0011
ADCSC2
ADACT
ADTRG
ACFE
ACFGT
—
—
—
—
0x0012
ADCRH
0
0
0
0
0
0
ADR9
ADR8
0x0013
ADCRL
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
0x0014
ADCCVH
0
0
0
0
0
0
ADCV9
ADCV8
0x0015
ADCCVL
ADCV7
ADCV6
ADCV5
ADCV4
ADCV3
ADCV2
ADCV1
ADCV0
0x0016
ADCCFG
ADLPC
ADIV
ADLSMP
MODE
ADICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com