Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 58Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 59Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 60Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 61Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 62Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 63Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 64Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 65Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 198 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
62
Freescale Semiconductor
5.8.5
System Options Register 2 (SOPT2)
This high-page register contains bits to configure MCU-specific features on MC9S08QD4 series devices.
5.8.6
System Device Identification Register (SDIDH, SDIDL)
These high-page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific
memory blocks, registers, and control bits are located in a target MCU.
76
54
321
0
R
COPCLKS1
00
00
000
W
Reset:
000
00
000
= Unimplemented or Reserved
1 This bit can be written only one time after reset. Additional writes are ignored.
Figure 5-6. System Options Register 2 (SOPT2)
Table 5-7. SOPT2 Register Field Descriptions
Field
Description
7
COPCLKS
COP Watchdog Clock Select — This write-once bit selects the clock source of the COP watchdog.
0 Internal 32 kHz clock is source to COP.
1 Bus clock is source to COP.
76
54
321
0
R
REV3
REV2
REV1
REV0
ID11
ID10
ID9
ID8
W
Reset:
01
01
01
01
0
000
= Unimplemented or Reserved
1 The revision number that is hard coded into these bits reflects the current silicon revision level.
Figure 5-7. System Device Identification Register — High (SDIDH)
Table 5-8. SDIDH Register Field Descriptions
Field
Description
7:4
REV[3:0]
Revision Number — The high-order 4 bits of address SDIDH are hard coded to reflect the current mask set
revision number (0–F).
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 family has a unique identification number. The
MC9S08QD4 series is hard coded to the value 0x011. See also ID bits in Table 5-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com