Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 45Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 46Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 47Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 48Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 49Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 50Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 51Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 52Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
49
4.7.6
Flash Command Register (FCMD)
Only five command codes are recognized in normal user modes as shown in Table 4-13. Refer to
Section 4.5.3, “Program and Erase Command Execution,” for a detailed discussion of flash programming
and erase operations.
All other command codes are illegal and generate an access error.
It is not necessary to perform a blank check command after a mass erase operation. Only blank check is
required as part of the security unlocking mechanism.
76
54
321
0
R
000
00
000
WFCMD
Reset
000
00
000
= Unimplemented or Reserved
Figure 4-10. Flash Command Register (FCMD)
Table 4-13. Flash Commands
Command
FCMD
Equate File Label
Blank check
0x05
mBlank
Byte program
0x20
mByteProg
Byte program — burst mode
0x25
mBurstProg
Page erase (512 bytes/page)
0x40
mPageErase
Mass erase (all flash)
0x41
mMassErase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com