Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 12Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 13Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 14Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 15Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 16Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 198 page
background image
Chapter 1 Device Overview
MC9S08QD4 Series MCU Data Sheet, Rev. 6
16
Freescale Semiconductor
Table 1-1. Features by MCU and Package
Consumer and Industrial Devices
Feature
MC9S08QD4
MC9S08QD2
Flash
4 KB
2 KB
RAM
256 B
128 B
ADC
4-ch, 10-bit
Bus speed
8 MHz at 5 V
Operating voltage
2.7 to 5.5 V
16-bit Timer
One 1-ch; one 2-ch
GPIO
Four I/O; one input-only; one output-only
LVI
Yes
Package options
8-pin PDIP; 8-pin NB SOIC
Consumer & Industrial Qualified
yes
yes
Automotive Qualified
no
no
Automotive Devices
Feature
S9S08QD4
S9S08QD2
Flash
4 KB
2 KB
RAM
256 B
128 B
ADC
4-ch, 10-bit
Bus speed
8 MHz at 5 V
Operating voltage
2.7 to 5.5 V
16-bit Timer
One 1-ch; one 2-ch
GPIO
Four I/O; one input-only; one output-only
LVI
Yes
Package options
8-pin NB SOIC
Consumer & Industrial Qualified
no
no
Automotive Qualified
yes
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com