Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 37Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 38Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 39Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 40Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 41Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 42Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 43Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
40
Freescale Semiconductor
program command is issued, the charge pump is enabled and then remains enabled after completion of the
burst program operation if these two conditions are met:
•
The next burst program command has been queued before the current program operation has
completed.
•
The next sequential address selects a byte on the same physical row as the current byte being
programmed. A row of flash memory consists of 64 bytes. A byte within a row is selected by
addresses A5 through A0. A new row begins when addresses A5 through A0 are all 0s.
The first byte of a series of sequential bytes being programmed in burst mode will take the same amount
of time to program as a byte programmed in standard mode. Subsequent bytes will program in the burst
program time provided that the conditions above are met. In the case the next sequential address is the
beginning of a new row, the program time for that byte will be the standard time instead of the burst time.
This is because the high voltage to the array must be disabled and then enabled again. If a new burst
command has not been queued before the current command completes, then the charge pump will be
disabled and high voltage removed from the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com