Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 55Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 56Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 57Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 58Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 59Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 60Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 61Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 62Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 198 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
59
5.8.2
System Reset Status Register (SRS)
This high-page register includes read-only status flags to indicate the source of the most recent reset. When
a debug host forces reset by writing 1 to BDFR in the SBDFR register, all of the status bits in SRS will be
cleared. Writing any value to this register address clears the COP watchdog timer without affecting the
contents of this register. The reset state of these bits depends on what caused the MCU to reset.
2
IRQACK
IRQ Acknowledge — This write-only bit is used to acknowledge interrupt request events (write 1 to clear IRQF).
Writing 0 has no meaning or effect. Reads always return 0. If edge-and-level detection is selected (IRQMOD = 1),
IRQF cannot be cleared while the IRQ pin remains at its asserted level.
1
IRQIE
IRQ Interrupt Enable — This read/write control bit determines whether IRQ events generate an interrupt
request.
0 Interrupt request when IRQF set is disabled (use polling).
1 Interrupt requested whenever IRQF = 1.
0
IRQMOD
IRQ Detection Mode — This read/write control bit selects either edge-only detection or edge-and-level
detection. The IRQEDG control bit determines the polarity of edges and levels that are detected as interrupt
request events. See Section 5.5.2.2, “Edge and Level Sensitivity,” for more details.
0 IRQ event on falling edges or rising edges only.
1 IRQ event on falling edges and low levels or on rising edges and high levels.
76
54
321
0
R
POR
PIN
COP
ILOP
ILAD
0
LVD
0
W
Writing any value to SRS address clears COP watchdog timer.
POR:
100
00
010
LVR:
000
00
010
Any
other
reset:
0
(1)(1)(1)(1)
000
1 Any of these reset sources that are active at the time of reset entry will cause the corresponding bit(s) to be set; bits
corresponding to sources that are not active at the time of reset entry will be cleared.
Figure 5-3. System Reset Status (SRS)
Table 5-4. SRS Register Field Descriptions
Field
Description
7
POR
Power-On Reset — Reset was caused by the power-on detection logic. Because the internal supply voltage was
ramping up at the time, the low-voltage reset (LVR) status bit is also set to indicate that the reset occurred while
the internal supply was below the LVR threshold.
0 Reset not caused by POR.
1 POR caused reset.
6
PIN
External Reset Pin — Reset was caused by an active-low level on the external reset pin.
0 Reset not caused by external reset pin.
1 Reset came from external reset pin.
Table 5-3. IRQSC Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com