Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2MPC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # S9S08QD2MPC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2MPC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2MPC Datasheet HTML 44Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 45Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 46Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 47Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 48Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 49Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 50Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 51Page - Freescale Semiconductor, Inc S9S08QD2MPC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
48
Freescale Semiconductor
4.7.5
Flash Status Register (FSTAT)
76
54
321
0
R
FCBEF
FCCF
FPVIOL
FACCERR
0FBLANK0
0
W
Reset
110
00
000
= Unimplemented or Reserved
Figure 4-9. Flash Status Register (FSTAT)
Table 4-12. FSTAT Register Field Descriptions
Field
Description
7
FCBEF
Flash Command Buffer Empty Flag — The FCBEF bit is used to launch commands. It also indicates that the
command buffer is empty so that a new command sequence can be executed when performing burst
programming. The FCBEF bit is cleared by writing a 1 to it or when a burst program command is transferred to
the array for programming. Only burst program commands can be buffered.
0 Command buffer is full (not ready for additional commands).
1 A new burst program command can be written to the command buffer.
6
FCCF
Flash Command Complete Flag — FCCF is set automatically when the command buffer is empty and no
command is being processed. FCCF is cleared automatically when a new command is started (by writing 1 to
FCBEF to register a command). Writing to FCCF has no meaning or effect.
0 Command in progress
1 All commands complete
5
FPVIOL
Protection Violation Flag — FPVIOL is set automatically when FCBEF is cleared to register a command that
attempts to erase or program a location in a protected block (the erroneous command is ignored). FPVIOL is
cleared by writing a 1 to FPVIOL.
0 No protection violation.
1 An attempt was made to erase or program a protected location.
4
FACCERR
Access Error Flag — FACCERR is set automatically when the proper command sequence is not obeyed exactly
(the erroneous command is ignored), if a program or erase operation is attempted before the FCDIV register has
been initialized, or if the MCU enters stop while a command was in progress. For a more detailed discussion of
the exact actions that are considered access errors, see Section 4.5.5, “Access Errors.” FACCERR is cleared by
writing a 1 to FACCERR. Writing a 0 to FACCERR has no meaning or effect.
0 No access error.
1 An access error has occurred.
2
FBLANK
Flash Verified as All Blank (erased) Flag — FBLANK is set automatically at the conclusion of a blank check
command if the entire flash array was verified to be erased. FBLANK is cleared by clearing FCBEF to write a new
valid command. Writing to FBLANK has no meaning or effect.
0 After a blank check command is completed and FCCF = 1, FBLANK = 0 indicates the flash array is not
completely erased.
1 After a blank check command is completed and FCCF = 1, FBLANK = 1 indicates the flash array is completely
erased (all 0xFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com